Part Number Hot Search : 
SL1505 01906 LM324A 1336M D2587P59 1217M KL07ES A1205LLH
Product Description
Full Text Search
 

To Download 1N5394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5391 THRU 1N5399
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.5 Amperes
DO-15
1.0(25.4) MIN.
Low coat construction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.300(7.6) .230(5.8) .140(3.6) DIA. .104(2.6) 1.0(25.4) MIN.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012 ounce, 0.33 grams
.034(0.9) DIA. .028(0.7)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 70 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
1N 5391 50 35 50
1N 5392 100 70 100
1N 5393 200 140 200
1N 1N 1N 5394 5395 5396 300 400 500 210 280 350 300 400 500 1.5 30 1.1 5.0 50 30 13 50 -55 to +150 -55 to +150
1N 5397 600 420 600
1N 5398 800 560 800
1N 5399 1000 700 100
UNIT
Volts Volts Volts Amps Amps Volts A A pF
/W
Maximum Full Load Reverse Current, full cycle average 0.375"(9.5mm)lead length at TL=75 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance from junction to ambient at 0.375"(9.5mm) lead length, P.C.board mounted with 0.2"x0.2"(5.0x 5.0mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5391 THRU 1N5399
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.5 Amperes
RATING AND CHRACTERISTIC CURVES 1N539 Thur 1N5399
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.8
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
60
AVERAGE FORWARD CURRENT, (A)
PEAK FORW ARD SURGE
1.5
50
1.2
CURRENT, (A)
40
8.3ms Single Half Sine-Wave (JEDEC Method) =T T j jmax
0.9
30 20
0.6
Single Phase Half Wave 60Hz Resistive or
0.3
10
0 0
Inductive Load
25
50
70 75
100
125
150
175
0 1 2 5 8 10 20 50
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
10
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, (mA)
INSTANTANEOUS FORWARD CURRENT,
Tj =100 C
1
1.0
(A)
0.1
T =25 C
j
0.1
Pulse Width=300us 1% Duty Cycle
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj =25 C 0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
REVERSE VOLTAGE,(VOLTS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of 1N5394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X